PART |
Description |
Maker |
2N3792 2N3789 2N3790 2N3791 |
POWER TRANSISTORS(10A/150W) POWER TRANSISTORS(10A150W) POWER TRANSISTORS(10A,150W) POWER TRANSISTORS: GENERAL PURPOSE AMPLIFIER AND LOW-FREQUENCY SWITCHING APPLICATION
|
MOSPEC[Mospec Semiconductor]
|
BD535 BD537 BD536 BD533 4133 BD538 BD534 -BD536 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS RI Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Custom Solutions Available; 1kVDC Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
UMZ8N EMZ8 UMZ8NTR |
Transistors > Complex Bipolar Transistors 256Kbit (32Kbit X 8) ZEROPOWER® SRAM Power management (dual transistors)
|
ROHM[Rohm] Rohm CO.,LTD.
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
ZDT1048TA ZDT104807 ZDT1048 ZDT1048-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors SM-8 Dual NPN medium power high gain transistors
|
Diodes Incorporated Zetex Semiconductors
|
2N4922 2N4921 2N4923 2N4921-D |
Medium-Power Plastic NPN Silicon Transistors 1 AMPERE GENERAL PURPOSE POWER TRANSISTORS 30 WATTS
|
ONSEMI[ON Semiconductor]
|
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
2SA1216 |
POWER TRANSISTORS(17A,180V,200W) 功率晶体管(7A80V,功00W POWER TRANSISTORS(17A/180V/200W) POWER TRANSISTORS(17A180V200W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
2N6678 2N6677 2N6676 |
POWER TRANSISTORS(15A175W) POWER TRANSISTORS(15A,175W)
|
MOSPEC[Mospec Semiconductor]
|
SD57030 TSD57030 |
RF POWER TRANSISTORS The LdmoSTFAMILY RF POWER TRANSISTORS THE LDMOST FAMILY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|